Electronic Components Datasheet Search
  English  ▼

X  

60EPF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 60EPF
Description  Vishay High Power Products
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPF Datasheet(HTML) 1 Page - Vishay Siliconix

  60EPF Datasheet HTML 1Page - Vishay Siliconix 60EPF Datasheet HTML 2Page - Vishay Siliconix 60EPF Datasheet HTML 3Page - Vishay Siliconix 60EPF Datasheet HTML 4Page - Vishay Siliconix 60EPF Datasheet HTML 5Page - Vishay Siliconix 60EPF Datasheet HTML 6Page - Vishay Siliconix 60EPF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93151
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 09-Dec-09
1
Fast Soft Recovery Rectifier Diode, 60 A
60EPF.., 60CPF.. Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 60EPF.. and 60CPF.. fast soft recovery rectifier series
has been optimized for combined short reverse recovery
time and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
This product series has been designed and qualified for
industrial level.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input
rectifications
where
severe
restrictions
on
conducted EMI should be met
PRODUCT SUMMARY
VF at 30 A
< 1.1 V
trr
70 ns
VRRM
200 V to 600 V
TO-247AC modified
2
13
Base cathode
Anode
Anode
Base cathode
2
13
Anode
Cathode
60CPF..
TO-247AC
60EPF..
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
200 to 600
V
IF(AV)
Sinusoidal waveform
60
A
IFSM
830
trr
1 A, 100 A/μs
70
ns
VF
30 A, TJ = 25 °C
1.1
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
60EPF02, 60CPF02
200
300
5
60EPF04, 60CPF04
400
500
60EPF06, 60CPF06
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 106 °C, 180° conduction half sine wave
60
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
700
10 ms sine pulse, no voltage reapplied
830
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
2450
A2s
10 ms sine pulse, no voltage reapplied
3460
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
34 600
A2
√s


Similar Part No. - 60EPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPF VISHAY-60EPF Datasheet
188Kb / 7P
Vishay High Power Products
05-Jun-08
logo
International Rectifier
60EPF02 IRF-60EPF02 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
60EPF02 ISC-60EPF02 Datasheet
275Kb / 2P
Ultra fast Rectifier
logo
Vishay Siliconix
60EPF02PBF VISHAY-60EPF02PBF Datasheet
271Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
18-Aug-11
logo
International Rectifier
60EPF04 IRF-60EPF04 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 60EPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
High Power Products
logo
Vishay Siliconix
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
Vishay High Power Products
12-Jun-08
20ETFFP VISHAY-20ETFFP Datasheet
290Kb / 7P
Vishay High Power Products
12-Jun-08
20ETFS VISHAY-20ETFS Datasheet
186Kb / 7P
Vishay High Power Products
22-Oct-08
60EPFPBF VISHAY-60EPFPBF Datasheet
188Kb / 7P
Vishay High Power Products
05-Jun-08
60EPS VISHAY-60EPS Datasheet
127Kb / 6P
Vishay High Power Products
25-Aug-08
80EPFPBF VISHAY-80EPFPBF Datasheet
209Kb / 8P
Vishay High Power Products
05-Jun-08
80EPS VISHAY-80EPS Datasheet
119Kb / 6P
Vishay High Power Products
07-Jul-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com