Electronic Components Datasheet Search
  English  ▼

X  

60EPF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 60EPF
Description  Vishay High Power Products
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPF Datasheet(HTML) 3 Page - Vishay Siliconix

  60EPF Datasheet HTML 1Page - Vishay Siliconix 60EPF Datasheet HTML 2Page - Vishay Siliconix 60EPF Datasheet HTML 3Page - Vishay Siliconix 60EPF Datasheet HTML 4Page - Vishay Siliconix 60EPF Datasheet HTML 5Page - Vishay Siliconix 60EPF Datasheet HTML 6Page - Vishay Siliconix 60EPF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93151
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 09-Dec-09
3
60EPF.., 60CPF.. Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 60 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
150
0
Average Forward Current (A)
10
100
20
70
120
130
110
30
50
140
40
90
60
60.PF.. Series
R
thJC (DC) = 0.4 K/W
Conduction angle
30°
60°
90°
120°
180°
Ø
150
040
Average Forward Current (A)
80
110
100
120
20
130
140
100
90
60
30°
60°
90°
120°
180°
DC
Ø
Conduction period
60.PF.. Series
R
thJC (DC) = 0.4 K/W
10
0
90
0
Average Forward Current (A)
50
40
70
50
30
20
30
10
20
60
40
180°
120°
90°
60°
30°
Conduction angle
60.PF.. Series
T
J = 150 °C
RMS limit
60
70
80
Ø
0
140
0
Average Forward Current (A)
60
100
20
40
100
20
60
120
80
80
40
Ø
Conduction period
60.PF.. Series
T
J = 150 °C
180°
120°
90°
60°
30°
DC
RMS limit
800
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
400
200
300
500
700
600
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 175 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
60.PF.. Series
200
0.01
0.1
Pulse Train Duration (s)
500
100
300
400
700
900
1
600
800
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 195 °C
No voltage reapplied
Rated V
RRM reapplied
60.PF.. Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com