Electronic Components Datasheet Search
  English  ▼

X  

SI7447DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7447DP
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7447DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7447DP Datasheet HTML 1Page - Vishay Siliconix SI7447DP Datasheet HTML 2Page - Vishay Siliconix SI7447DP Datasheet HTML 3Page - Vishay Siliconix SI7447DP Datasheet HTML 4Page - Vishay Siliconix SI7447DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7447DP
Vishay Siliconix
New Product
Document Number: 71970
S-21475—Rev. A, 26-Aug-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.000
0.004
0.008
0.012
0.016
0.020
0
2468
10
0.000
0.002
0.004
0.006
0.008
0.010
0
10203040
50
0
2
4
6
8
10
0
20
40
60
80
100
120
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
0
2000
4000
6000
8000
10000
0
6
12
18
24
30
Crss
Coss
Ciss
VDS = 15 V
ID = 24 A
VGS = 10 V
ID = 24 A
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
1.0
1.2
0.1
10
100
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
ID = 24 A
On-Resistance vs. Gate-to-Source Voltage
VGS - Gate-to-Source Voltage (V)
VGS = 10 V
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com