Electronic Components Datasheet Search
  English  ▼

X  

SLRM900 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SLRM900
Description  I-CODE Long range reader module hardware
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRM900 Datasheet(HTML) 5 Page - NXP Semiconductors

  SLRM900 Datasheet HTML 1Page - NXP Semiconductors SLRM900 Datasheet HTML 2Page - NXP Semiconductors SLRM900 Datasheet HTML 3Page - NXP Semiconductors SLRM900 Datasheet HTML 4Page - NXP Semiconductors SLRM900 Datasheet HTML 5Page - NXP Semiconductors SLRM900 Datasheet HTML 6Page - NXP Semiconductors SLRM900 Datasheet HTML 7Page - NXP Semiconductors SLRM900 Datasheet HTML 8Page - NXP Semiconductors SLRM900 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2002 May 24
5
Philips Semiconductors
Product specification
I-CODE Long range reader
module hardware
SLRM900
6
PINNING
The locations of the connectors and switches are shown
in Fig.9.
6.1
Antenna connector
ST3 in Fig.8.
6.2
Serial interface connector
ST2 in Fig.8; see Fig.3 for front view of connector.
6.3
Power supply connector
See Fig.4 for front view of connector
6.4
Switches
See Fig.5 for front view of switches.
SYMBOL
DESCRIPTION
ANT
antenna input and output; BNC female
GND
antenna ground
SYMBOL
PIN
DESCRIPTION
I/O
1
internally connected for DCE
TxD
2
output
RxD
3
input
I/O
4
internally connected for DCE
GND
5
ground
I/O
6
internally connected for DCE
I/O
7
internally connected for DCE
I/O
8
internally connected for DCE
RFU
9
ready for use
MGW308
handbook, halfpage
GND
ANT
Fig.2 Antenna connector.
MGW310
handbook, halfpage
1
5
6
9
Fig.3 RS232 connector D-sub.
SYMBOL
DESCRIPTION
+24VDC
power supply voltage; DC-jack (
∅ 2.1 mm)
GND
power supply ground
SYMBOL
DESCRIPTION
RST
Resets the SLRM900. By resetting the
SLRM900, all programmable parameters
will be preset to their default values
described in data sheet:
"SLRM900 I-CODE
Long Range Reader Module, protocol
Reader-Host", except for stored RF output
power and modulation index. The SLRM900
will restart with the mode selected by jumper
JP3 (see Table 3).
NMI
Non Maskable Interrupt. To change from the
default start-up mode to the alternative
mode (see setting of jumper JP3 in Table 3).
For switching back to default start-up mode,
press switch RST (SW1).
MGW309
handbook, halfpage
GND
+24VDC
Fig.4 Power supply connector.
MGW311
handbook, halfpage
SW1 (RST)
SW2 (NMI)
Fig.5 Switches SW1 and SW2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com