Electronic Components Datasheet Search
  English  ▼

X  

SLRM900 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SLRM900
Description  I-CODE Long range reader module hardware
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRM900 Datasheet(HTML) 4 Page - NXP Semiconductors

  SLRM900 Datasheet HTML 1Page - NXP Semiconductors SLRM900 Datasheet HTML 2Page - NXP Semiconductors SLRM900 Datasheet HTML 3Page - NXP Semiconductors SLRM900 Datasheet HTML 4Page - NXP Semiconductors SLRM900 Datasheet HTML 5Page - NXP Semiconductors SLRM900 Datasheet HTML 6Page - NXP Semiconductors SLRM900 Datasheet HTML 7Page - NXP Semiconductors SLRM900 Datasheet HTML 8Page - NXP Semiconductors SLRM900 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2002 May 24
4
Philips Semiconductors
Product specification
I-CODE Long range reader
module hardware
SLRM900
5
BLOCK DIAGRAM
handbook, full pagewidth
MGW307
VOLTAGE
REGULATION
MODULATOR
MODULATION
INDEX
ADJUSTMENT
RF POWER
REGULATION
TRANSMITTER
AMPLIFIER
13.56 MHz
CLOCK GENERATOR
(AND DIVIDER)
OPTO COUPLERS
ADC
RS232 DRIVER
MICROCONTROLLER
UNIT
MICROCONTROLLER BOARD
RF BOARD
FLASH
EPROM
RAM
RECEIVER, FILTER
AND DEMODULATOR
I/O
(optional)
SW1
SW2
antenna
serial
interface
power
supply
+24 V DC
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com