Electronic Components Datasheet Search
  English  ▼

X  

SSD1828Z Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SSD1828Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828Z Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SSD1828Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
SSD1828
Rev 1.10
07/2002
SOLOMON
17
COMMAND TABLE
Table 6 - COMMAND TABLE
Bit Pattern
Command
Description
0000 C3C2C1C0
Set Column LSB
Set the lower nibble of the column address pointer for
RAM access. The pointer is reset to 0 after reset.
0001 0C6C5C4
Set Column MSB
Set the upper nibble of the column address pointer for
RAM access. The pointer is reset to 0 after reset.
0010 0R2R1R0
Set Internal Resistor
Ratio
The internal regulator gain (1+R2/R1) Vout increases as
R2R1R0 is increased from 000b to 111b. The factor,
1+R2/R1, is given by:
R2R1R0 = 000: 2.3 (POR)
R2R1R0 = 001: 3.0
R2R1R0 = 010: 3.7
R2R1R0 = 011: 4.4
R2R1R0 = 100: 5.1
R2R1R0 = 101: 5.8
R2R1R0 = 110: Reserved
R2R1R0 = 111: Reserved
(Refer to 8.14)
0010 1VC VR VF
Set Voltage Control
VC VR = 00: turn OFF the internal voltage booster &
regulator (POR)
VC VR = 01,10,11: turn ON the internal voltage booster
& regulator
VF=0: turn OFF the output op-amp buffer (POR)
VF=1: turn ON the output op-amp buffer
0011 1T2T1T0
Set TC value
This command set the Temperature Coefficient
T2T1T0:
001: -0.035%/
oC
010: -0.035%/
oC
011: -0.05%/
oC (POR)
100: -0.083%/
oC
0100 00XX
XL6L5L4 L3L2L1L0
Set Initial Display Line
The second command specifies the row address
pointer (0-63) of the RAM data to be displayed in
COM0. This command has no effect on ICONS. The
pointer is set to 0 after reset.
0100 01XX
XXC5C4 C3C2C1C0
Set Initial COM0
The second command specifies the mapping of first
display line (COM0) to one of ROW0~63. This
command has no effect on ICONS. COM0 is mapped to
ROW0 after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com