Electronic Components Datasheet Search
  English  ▼

X  

SSD1828Z Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1828Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828Z Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1828Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
SSD1828
Rev 1.10
07/2002
SOLOMON
4
5
DIE Arrangement
Figure 2 – SSD1828 Pin Assignment
Die size (with scribe): 9.6 x 1.6 mm
2
Die Thickness: 534±25µm
Bump Height: Typical 18µm
Bump co-planarity <3µm (within die)
Pad1
Pad123
Pad142
Pad270
Note:
1. Diagram showing the die face up.
2. Coordinates are reference to center of the
chip.
3. Unit of coordinates and Size of all
alignment marks are in um.
4. All alignment keys do not contain gold
bump.
TEST13
TEST12
TEST11
MIO
CL
NOBUMP
TEST9
VL5
VL4
VL3
VL2
TEST8
TEST7
TEST6
TEST5
VOUT
:
:
VOUT
VSS
:
:
VSS
RVSS
CVSS
:
:
CVSS
VCI
:
:
VCI
VDD
:
:
VDD
D7 (SDA)
D7 (SDA)
D6 (SCK)
D6 (SCK)
D5
D4
D3
D2
D1
D0
VDD
E (RD#)
E (RD#)
R/W (WR#)
R/W (WR#)
VSS
D/C
D/C
D/C
/RES
VDD
/CS
/CS
VSS
PS1
VDD
VSS
PS0
VDD
TEST4
TEST3
TEST2
TEST1
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NOBUMP
VSS
VSS
VSS
VSS
VSS
VSS
VSS
COM18
COM17
COM16
:
:
:
:
:
COM0
COMSR
SEG0
SEG1
SEG2
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
SEG94
SEG95
COM32
COM33
COM34
:
:
:
:
:
COM43
COM44
}
}
}
}
}
15 x VOUT
7 x VSS
16 x VCI
12 x CVSS
7 x VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com