Electronic Components Datasheet Search
  English  ▼

X  

STK6005F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # STK6005F
Description  converting PC / Mac video images for a TFT-LCD display monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK6005F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button STK6005F Datasheet HTML 17Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 18Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 19Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 20Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 21Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 22Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 23Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 24Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
STK6005
To set a Multi-Color Font
Set a register MultiChar to capture the color fonts. Each color font will occupy 4 monochrome fonts spaces.
The multi-color font will occupy the space from the font index 0. For example, when MultiChar is set to 2, there
are 2 multi-color fonts available. The monochrome fonts will start from font No. 8. The font No. 0 to 3 are
mapped to the same color font and the font NO. 4 to 7, the other color font. The color for each pixel of a color
font is also mapped to a 24-bit color through the color pallet as below.
To set an OSD Double Size
To set registers DPH / DPV = 1 will stretch the OSD by a factor of two in the horizontal / vertical
direction respectively. Pixel and line replication is used to stretch the image. This option will also affect
the border and shadow size around the OSD window.
Blending Effect
STK6005 provides an effect of the blending OSD with image pixel and this effect is suitable for OSD
fade-in / fade-out effect. 16 levels of blending are supported. Blend level (defined by a register BlendR)
for binary codes “1111” through “0000” are in the proportion of 6.25%, 12.5%, 18.75%, .. , 93.75% and
100%. The blend percentage levels depicted here are in the percentage of OSD pixel data. For example,
0001 yields an output data stream whose blended pixel data contains 93.75% OSD and 6.25% underlying
image data. This OSD would be only slightly translucent.
External OSD interface
STK6005 also provides an external OSD interface to use an external OSD chip. OVCLK, OVHS,
OVVS ports will output the timing of panel clock, H-Sync, and V-Sync to the external OSD chip. The
output delay between OVCLK and OVHS / OVVS is tunable through register DlyOVCLK and DlyOVHS.
OSD pixels data are input from OVI, OVB, OVG, and OVR and will be combined into a 4-bit color index
then mapped to the color pallet. OVFB indicates the pixels to be displayed on the panel.
Rotational OSD
STK6005 also provides an internal logic to support the rotational OSD. When a font table for
Bit0
Bit1
Bit2
Combine to a 4-bit color font
Font 4N
Bit3
Map to Color Pallet
Font 4N+1
Font 4N+2
Font 4N+3
Back to Contents Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com