Electronic Components Datasheet Search
  English  ▼

X  

STK6005F Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # STK6005F
Description  converting PC / Mac video images for a TFT-LCD display monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK6005F Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button STK6005F Datasheet HTML 18Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 19Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 20Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 21Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 22Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 23Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 24Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 25Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
STK6005
rotational OSD is defined, the bit map of fonts should rotate by 90 degrees and be programmed for each
font of 36 bytes by 18 dots (3 bytes) * 12 lines. The char. and attribute contents of the OSD window
should also be programmed from bottom at a corner to the left first. (from bottom to top and then from left
to right) It should be noted that the registers for defining the OSD window are swapped between the
horizontal and vertical.
5.14 Auto-Adjustment
To set a Color Threshold
Set the threshold of input signals before using the auto-detecting function to avoid the noise of input signals
affecting the measurement results. Registers GateR, GateG, and GateB mean the threshold values for red,
green, and blue of input signals. The auto-detecting circuit will allow the input signals with all colors
levels higher than their thresholds level, or otherwise the input signals will not be included in the
measurement.
To set a Measurement Window
Set the measurement window before using the auto-detecting function to avoid the noise of input signals among
some certain positions or to measure the region of interests. Set register SelWDE to switch the active region
defined by AWinH/V registers or internal DE.
To select an Input Source
Set a register SelHV to select H-Sync and V-Sync input sources for timing measurement. Set registers
SelVCnt and SelHCnt to select horizontal and vertical clocks for timing measurement.
Source Timing Measurement
STK6005 provides the following source timing data for auto-adjustment
1. HCT: A 16-bit value indicates the 16-cycle period of selected input H-Sync signal.
The selected input clock RefCLK or VCLK is used to measure the period.
This value will be updated in each frame.
2. VCT: A 12-bit value indicates the period of selected input V-Sync signal.
The period can be measured by the input horizontal line or by 144 * RefCLKs.
This value will be updated in each frame.
Video
1
Level
Threshold
0
Back to Contents Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com