Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9212
Description  32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9212 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9212 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FEDL9212-01
LAPIS Semiconductor
ML9212
7/17
ELECTRICAL CHARACTERISTICS
DC Characteristics
Ta = –40 to +105°C, VDISP = 8.0 to 18.0 V, VDD = 4.5 to 5.5 V
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input Voltage
VIH
*1)
—
0.8VDD
—
V
Low Level Input Voltage
VIL
*1)
—
—
0.2VDD
V
High Level Input Current
IIH
*1)
VIH = VDD
–1.0
+1.0
A
Low Level Input Current
IIL
*1)
VIL = GND
–1.0
+1.0
A
VOH1
SEG1-22
lOH1 = –5 mA
VDlSP – 0.8
—
V
VOH2
SEG23-32
lOH2 = –10 mA
VDlSP – 0.8
—
V
VOH3
GRID1-3
VDISP = 9.5V
lOH3 = –5 mA
VDlSP – 0.8
—
V
High Level Output
Voltage
VOH4
*2)
VDD = 4.5 V
lOH4 = –200 AVDD – 0.8
—
V
VOL1
SEG1-22
lOL1 = 500 A
—
2.0
V
VOL2
SEG23-32
lOL2 = 500 A
—
2.0
V
VOL3
GRID1-3
VDlSP = 9.5V
lOL3 = 10 mA
—
2.0
V
Low Level Output
Voltage
VOL4
*2)
VDD = 4.5 V
lOL4 = 200 A
—
0.8
V
IDISP
VDISP
—
100
uA
Supply Current
IDD
VDD
R = 10 k
±5%,
C = 27 pF±5%
no load
—
5.0
mA
*1) CS, CLOCK, DATA IN, DIM IN, SYNC IN 1, SYNC IN 2, M/
S, DUP/TRI
*2) DIM OUT, SYNC OUT 1, SYNC OUT 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com