Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9212
Description  32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9212 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML9212 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9212 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FEDL9212-01
LAPIS Semiconductor
ML9212
5/17
Symbol
Pin
Type
Description
SYNC IN 1, 2
16, 17
I
Synchronous signal input.
When the slave mode is selected, connect these pins to the master
side SYNC OUT 1, and 2 pins.
When the master mode is selected, the input level of these pins are
ignored. Connect these pins to VDD or L-GND at the master mode.
DIM OUT
28
O
Dimming pulse output.
Connect this pin to the slave side DIM IN pin.
SYNC OUT
1, 2
26, 27
O
Synchronous signal output.
Connect these pins to the slave side SYNC IN 1, and 2 pins.
OSC0
23
I/O
RC oscillator connecting pins.
Oscillation frequency depends
on display tubes to be used.
For details refer to ELECTRICAL CHARACTERISTICS.
NC
13,22,29
-
OPEN pins.
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
Condition
Ratings
Unit
Driver Supply Voltage
VDISP
—
–0.3 to +20
V
Logic Supply Voltage
VDD
—
–0.3 to +6.5
V
Input Voltage
VIN
—
–0.3 to VDD+0.3
V
Power Dissipation
PD
Ta
 105°C
233
mW
Storage Temperature
TSTG
—
–55 to +150
°C
Io1
SEG1 to 22
–10.0 to +2.0
mA
Io2
SEG23 to 32
–20.0 to +2.0
mA
Io3
GRID1 to 3
–10.0 to +20.0
mA
Output Current
Io4
DIM OUT, SYNC OUT1,
SYNC OUT2
–2.0 to +2.0
mA
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Driver Supply Voltage
VDISP
—
8.0
13.0
18.0
V
Logic Supply Voltage
VDD
—
4.5
5.0
5.5
V
High Level Input Voltage
VIH
All inputs except OSC0
0.8VDD
—
—
V
Low Level Input Voltage
VIL
All inputs except OSC0
—
—
0.2VDD
V
Clock Frequency
fC
—
—
—
2.0
MHz
VDD
OSC0
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com