Electronic Components Datasheet Search
  English  ▼

X  

ML9298 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9298
Description  12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9298 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML9298 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FEDL9298-01
LAPIS Semiconductor
ML9298
3/12
PIN CONFIGURATION (TOP VIEW)
VCC
1
32
GR2
VDDOUT
2
31
GR1
VDDIN
3
30
2a, 2d
TEST
4
29
4b, 4c, 2b
DIM1
5
28
2f
DIM2
6
27
2c, col
BLANK
7
26
2e
HS
8
25
2g
MS
9
24
3d, 1d
ZA
10
23
3e, 1e
A/C
11
22
3c, 1c
XT
12
21
3g, 1g
XT
13
20
3f, 1f
(NC)
14
19
3b, 1b
F64HZ
15
18
3a, 1a
GND
16
17
COLSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com