Electronic Components Datasheet Search
  English  ▼

X  

ML9298 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9298
Description  12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9298 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML9298 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9298 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FEDL9298-01
LAPIS Semiconductor
ML9298
4/12
PIN DESCRIPTION
Pin
I/O
Pull-up/
Pull-down
Description
DIM1
I
Pull-down
DIM2
I
Pull-down
Brightness switching pin.
A/C
I
Pull-up
Input pin with a pull-up resistor to reset the circuits inside this LSI
at a “L” level.
Set the reset pulse width to 2 ms or more.
ZA
I
Pull-up
Zero adjust pin.
HS
I
Pull-up
Hour digit adjustment pin.
MS
I
Pull-up
Minute digit adjustment pin.
BLANK
I
Pull-down
Blank input pin. Display disappears at a “L” level.
COLSEL
I

This is the input pin for selecting flashing or lighting of the colon
output.
"L" level : Flashing, "H" level : Lighting
XT
I
XT
O

Crystal oscillation pin to connect a crystal and capacitors Cx and
Cy externally.
TEST
I
Pull-up
IC testing pin. Leave this pin open or fix it to a “H” level.
F64Hz
O

64Hz signal output pin for oscillation frequency adjustment.
GR1
GR2
O

Output pins for the 1/2 duty fluorescent display tube grids.
1a, 3a to 2b, 4b, 4c
O

Output pins for the 1/2 duty fluorescent display tube anodes.
VCC

Power supply pin for high voltage.
GND

Ground pin.
VDDOUT
O

built-in regulator output pin for logic circuits. Connect the pin to
the VDDIN pin.
VDDIN
I

Power supply pin for logic circuits. Connect the pin to the
VDDOUT pin.
NC


NC pin. Leave the pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com