Electronic Components Datasheet Search
  English  ▼

X  

ML9477 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9477
Description  1/3 or 1/4 Duty, 32-Output LCD Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9477 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9477 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
FEDL9477-01
ML9477
7/20
ELECTRICAL CHARACTERISTICS
DC Characteristics
(LVDD = 2.7 to 3.6 V, 4.5 to 5.5 V, DVDD = 3.5 to 5.5, Ta = –40 to +105°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Applicable
pin
LVDD = 4.5 to 5.5V
0.8LVDD
VIH
LVDD = 2.7 to 3.6V
0.85LVDD
*1
LVDD = 4.5 to 5.5V
CLKSEL = ”H”
0.8LVDD
“H” input voltage
VIHOSC
LVDD = 2.7 to 3.6V
CLKSEL = ”H”
0.85LVDD
LVDD
V
OSC
LVDD = 4.5 to 5.5V
0.2LVDD
VIL
LVDD = 2.7 to 3.6V
0.15LVDD
*1
LVDD = 4.5 to 5.5V
CLKSEL = ”H”
0.2LVDD
“L” input voltage
VILOSC
LVDD = 2.7 to 3.6V
CLKSEL = ”H”
0
0.15LVDD
V
OSC
IIH1
VI = LVDD
1
A
*2
“H” input current
IIHOSC
VI = LVDD
CLKSEL = ”H”
1
A
OSC
IIL1
VI = 0V
–1
A
*2
LVDD = 5V
VI = 0V
–0.009
–0.045
mA
IIL2
LVDD = 3V
VI = 0V
–0.004
–0.030
mA
RESET
“L” input current
IILOSC
VI = 0V
CLKSEL = ”H”
–1
A
OSC
VOS0
DVDD = 4.5V
IO = –10A
DVDD – 0.8
V
VOS1
DVDD = 4.5V
IO = 10A
2/3DVDD – 0.8
2/3DVDD + 0.8
V
VOS2
DVDD = 4.5V
IO = 10A
1/3DVDD – 0.8
1/3DVDD + 0.8
V
Segment output
voltage
VOS3
DVDD = 4.5V
IO = 10A
0.8
V
SEG1 to
SEG32
VOC0
DVDD = 4.5V
IO = –10A
DVDD – 0.77
V
VOC1
DVDD = 4.5V
IO = 10A
2/3DVDD –
0.77
2/3DVDD+0.77
V
VOC2
DVDD = 4.5V
IO = 10A
1/3DVDD –
0.77
1/3DVDD+0.77
V
Common output
voltage
VOC3
DVDD = 4.5V
IO = 10A
0.77
V
COM1 to
COM4
Dynamic supply
current
IDVDD+IL
VDD
*3
0.5
mA
LVDD,
DVDD
*1
CLOCK, LOAD, DATA_IN,
RESET, 3/4SEL, and CLKSEL
*2
CLOCK, LOAD, DATA_IN, 3/4SEL, and CLKSEL
*3
CO = 0.022 F, RO = 33 k, no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com