Electronic Components Datasheet Search
  English  ▼

X  

ML9477 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9477
Description  1/3 or 1/4 Duty, 32-Output LCD Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9477 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9477 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9477 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FEDL9477-01
ML9477
9/20
Switching Characteristics (External Clock Input to OSC)
(LVDD = 2.7 to 3.6 V, 4.5 to 5.5 V, DVDD = 3.5 to 5.5 V, Ta =
40 to +105°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
OSC input frequency
fosc
CLKSEL = ”H”
0.5
10
kHz
OSC rise time, fall time *5
trosc, tfOSC
CLKSEL = ”H”
—
1
s
OSC “H” period
tWHOSC
CLKSEL = ”H”
4
—
s
OSC “L” period
tWLOSC
CLKSEL = ”H”
4
—
s
*5
Applied to OSC pin
1/fOSC
trosc
tWHOSC
tfosc
tWLOSC
OSC
VIHOSC
VILOSC
VILOSC
VILOSC
VIHOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com