Electronic Components Datasheet Search
  English  ▼

X  

CLA-EP10 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CLA-EP10
Description  Dimensions for product: EP10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CLA-EP10 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CLA-EP10 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CLA-EP10 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP10
Core
Product specifications
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
0.032
50 mT
100 ºC
500 kHz
W/set
0.250
100 mT
100 ºC
Power loss: 3F46
Measuring conditions
Unit
Max
1000 kHz
W/set
0.086
50 mT
100 ºC
3000 kHz
W/set
0.022
10 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C91
25 kHz
mT
340
250 A/m
100 ºC
3C96
25 kHz
mT
340
250 A/m
100 ºC
3F36
25 kHz
mT
330
250 A/m
100 ºC
3F46
Description
Accessories
Ordering code
Ordering name
CLA-EP10
432202101481
Clasp
CLI-EP10
432202100781
Clip
CSH-EP10-1S-8P
432202100461
Coil former, termoset, horizontal
CSH-EP10-2S-8P
432202100471
Coil former, termoset, horizontal
CSHS-EP10-1S-8P-T
432202103191
Coil former, termoset, horizontal, SMD
SPR-EP10
432202101471
Spring
2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com