Electronic Components Datasheet Search
  English  ▼

X  

CLA-EP10 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CLA-EP10
Description  Dimensions for product: EP10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CLA-EP10 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CLA-EP10 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CLA-EP10 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP10
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C91
nH/turns²
25%
25%
1200
3C96
nH/turns²
25%
25%
1000
3F36
nH/turns²
25%
25%
800
3F46
nH/turns²
25%
25%
460
Power loss: 3C91
Measuring conditions
Unit
Max
100 kHz
W/set
0.110
200 mT
60 ºC
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
0.097
200 mT
100 ºC
400 kHz
W/set
0.039
50 mT
100 ºC
Power loss: 3F36
Measuring conditions
Unit
Max
Symbol
Effective parameters
Parameter
Value
Unit
1.7
mm⁻¹
Ve
215
mm³
Le
19.3
mm
Ae
11.3
mm²
Amin
8.55
mm²
∑(I/A)
≈ 2.8
core factor (C1)
effective volume
effective length
effective area
minimum area
m
EP10
g/set
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: EP10
11.20
mm
A
0.30
0.30
11.80
11.50
7.40
mm
B
0.20
0.20
7.80
7.60
1.67
mm
C
0.13
0.13
1.93
1.80
9.20
mm
D1
0.20
0.20
9.60
9.40
3.15
mm
D2
0.15
0.15
3.45
3.30
10.00
mm
H1
0.20
0.20
10.40
10.20
7.20
mm
H2
0.20
0.20
7.60
7.40
2016


Similar Part No. - CLA-EP10

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-EP10 FERROXCUBE-CLA-EP10 Datasheet
25Kb / 1P
CLA-EP10
CLA-EP10 FERROXCUBE-CLA-EP10 Datasheet
26Kb / 1P
EP cores and accessories
CLA-EP10 FERROXCUBE-CLA-EP10 Datasheet
78Kb / 2P
Dimensions for product: EP10
CLA-EP10 FERROXCUBE-CLA-EP10 Datasheet
78Kb / 2P
Dimensions for product: EP10
CLA-EP10 FERROXCUBE-CLA-EP10_17 Datasheet
78Kb / 2P
Dimensions for product: EP10
More results

Similar Description - CLA-EP10

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP10-1S-8P FERROXCUBE-CSH-EP10-1S-8P_17 Datasheet
78Kb / 2P
Dimensions for product: EP10
CSH-EP10-2S-8P FERROXCUBE-CSH-EP10-2S-8P_17 Datasheet
78Kb / 2P
Dimensions for product: EP10
CSH-EP13-2S-4PL FERROXCUBE-CSH-EP13-2S-4PL Datasheet
78Kb / 2P
Dimensions for product: EP13
CSHS-EP10-1S-8P-T FERROXCUBE-CSHS-EP10-1S-8P-T_17 Datasheet
78Kb / 2P
Dimensions for product: EP10
CLA-EP10 FERROXCUBE-CLA-EP10_17 Datasheet
78Kb / 2P
Dimensions for product: EP10
CLI-EP10 FERROXCUBE-CLI-EP10_17 Datasheet
78Kb / 2P
Dimensions for product: EP10
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
Dimensions for product: P9/5
CP-P14-8-1S FERROXCUBE-CP-P14-8-1S Datasheet
81Kb / 2P
Dimensions for product: P14/8
CP-P36-22-3S FERROXCUBE-CP-P36-22-3S Datasheet
80Kb / 2P
Dimensions for product: P36/22
CP-P14-8-3S-A FERROXCUBE-CP-P14-8-3S-A Datasheet
81Kb / 2P
Dimensions for product: P14/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com