Electronic Components Datasheet Search
  English  ▼

X  

TH71071 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TH71071
Description  315/433MHz ASK Transmitter / LO Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH71071 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TH71071 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TH71071
315/433MHz
ASK Transmitter / LO Source
3901071071
Page 4 of 10
Data Sheet
Rev. 004
Dec. 2001
Pin Definition and Description
Pin No.
Name
I/O Type
Functional Schematic
Description
1
LF
analog I/O
200
Ω
5p
LF
1
200
Ω
connection to loop filter,
charge pump output,
VCO tuning input
2
RO
analog I/O
RO1
2
28p
28p
37k
XOSC connection to XTAL,
Colpitts type crystal
oscillator
3
ENTX
input
ENTX
3
1.1k
mode control input, CMOS-
compatible with internal
pull-down
4
PS/DATA
analog I/O
PS/DATA
4
200
Ω
20µA
power-select and ASK input,
high-impedance comparator
logic
5
VCC
supply
positive power supply
6
OUT2
output
differential power amplifier
output, open collector
7
OUT1
output
VCC
VEE
VEE
VCC
OUT2
6
VEE
7
OUT1
differential power amplifier
output, open collector
8
VEE
ground
negative power supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com