Electronic Components Datasheet Search
  English  ▼

X  

TH71071 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TH71071
Description  315/433MHz ASK Transmitter / LO Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH71071 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TH71071 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH71071 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TH71071
315/433MHz
ASK Transmitter / LO Source
3901071071
Page 8 of 10
Data Sheet
Rev. 004
Dec. 2001
Spectrum Plots
All plots depict TH71071‘s typical performance at Vcc = 3.0 V and Ta = 23 °C,
derived with the test circuit shown in Fig. 2.
Fig. 3: RF output signal and spurious emissions, CW mode
Fig. 4: Single-sideband phase noise at 500 kHz offset, CW mode
Fig. 5: ASK modulation with RASK = 4 kbit/s NRZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com