Electronic Components Datasheet Search
  English  ▼

X  

TLE4299 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4299
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 4Page - Infineon Technologies AG TLE4299 Datasheet HTML 5Page - Infineon Technologies AG TLE4299 Datasheet HTML 6Page - Infineon Technologies AG TLE4299 Datasheet HTML 7Page - Infineon Technologies AG TLE4299 Datasheet HTML 8Page - Infineon Technologies AG TLE4299 Datasheet HTML 9Page - Infineon Technologies AG TLE4299 Datasheet HTML 10Page - Infineon Technologies AG TLE4299 Datasheet HTML 11Page - Infineon Technologies AG TLE4299 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLE 4299
Data Sheet Rev. 1.0
8
2002-01-17
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
In the operating range, the functions given in the circuit description are fulfilled.
Temperature
Junction temperature
T
j
–
150
°C
–
Storage temperature
T
Stg
– 50
150
°C
–
Operating Range
Input voltage
V
I
–
45
V
–
Junction temperature
T
j
– 40
150
°C
–
Thermal Data
Junction-ambient
R
thja
–
200
70
K/W
K/W
P-DSO-8-3
P-DSO-14-8
Junction-pin
R
thjp
–
60
30
K/W
K/W
P-DSO-8-3
P-DSO-14-8
1)
1)
Measured to pin 4.
Absolute Maximum Ratings (cont’d)
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com