Electronic Components Datasheet Search
  English  ▼

X  

TLE4299 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4299
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 14Page - Infineon Technologies AG TLE4299 Datasheet HTML 15Page - Infineon Technologies AG TLE4299 Datasheet HTML 16Page - Infineon Technologies AG TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG TLE4299 Datasheet HTML 19Page - Infineon Technologies AG TLE4299 Datasheet HTML 20Page - Infineon Technologies AG TLE4299 Datasheet HTML 21Page - Infineon Technologies AG TLE4299 Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet Rev. 1.0
18
2002-01-17
TLE 4299
Charge Current
I
ch versus
Temperature
T
j
Switching Voltage
V
dt and Vst versus
Temperature
T
j
Drop Voltage
V
dr versus
Output Current
I
Q
Reset Adjust Switching Threshold
V
RADJTH versus Temperature Tj
0
-40
j
T
D
I
µA
AED03108
0
40
80
120
160
2
4
6
8
10
12
˚C
I
V = 13.5 V
= 1 V
VD
AED01804
-40
V
040
80
120 C 160
0
Ι
V = 13.5 V
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
V
V
LD
UD
V
D
j
T
0
0
Q
I
AED02929
DR
V
50
100
150
200
50
100
150
200
250
300
mV
400
mA
25 ˚C
125 ˚C
0.9
-40
j
T
AED03109
1.0
1.1
1.2
1.3
1.4
1.5
40
0
80
160
120 ˚C
V
RADJTH
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com