Electronic Components Datasheet Search
  English  ▼

X  

TLE6250G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6250G
Description  CAN-Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6250G Datasheet HTML 1Page - Infineon Technologies AG TLE6250G Datasheet HTML 2Page - Infineon Technologies AG TLE6250G Datasheet HTML 3Page - Infineon Technologies AG TLE6250G Datasheet HTML 4Page - Infineon Technologies AG TLE6250G Datasheet HTML 5Page - Infineon Technologies AG TLE6250G Datasheet HTML 6Page - Infineon Technologies AG TLE6250G Datasheet HTML 7Page - Infineon Technologies AG TLE6250G Datasheet HTML 8Page - Infineon Technologies AG TLE6250G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Data Sheet Version 3.4
1
2002-10-08
CAN-Transceiver
TLE 6250
TLE 6250 V33
Final Data Sheet
P-DSO-8-3
Features
• CAN data transmission rate up to 1 MBaud
• Suitable for 12 V and 24 V applications
• Excellent EMC performance (very high immunity and
very low emission)
• Version for 5 V and 3.3 V micro controllers
• Bus pins are short circuit proof to ground and battery
voltage
• Over-temperature protection
• Very wide temperature range (- 40°C up to 150°C)
Description
The CAN-transceiver TLE 6250 is a monolithic integrated circuit that is available as bare
die as well as in a P-DSO-8-3 package. The IC is optimized for high speed differential
mode data transmission in automotive and industrial applications and is compatible to
ISO/DIS 11898 (see page 12 and 20). It works as an interface between the CAN protocol
controller and the physical differential bus in both, 12 V and 24 V systems.
Note:
There are two versions available: one for 5 V logic and the other one for 3.3 V logic
requiring additional supply via the V
33V pin. The IC can be set to stand-by mode via an
control input. In addition the 5 V-version offers a receive only mode feature to support
diagnostic functions.
The IC is based on the Smart Power Technology SPTwhich allows bipolar and CMOS
control circuitry in accordance with DMOS power devices existing on the same
monolithic circuit. The TLE 6250 is designed to withstand the severe conditions of
automotive applications and provides excellent EMC performance.
Type
Ordering Code
Package
TLE 6250 G
Q67006-A9427
P-DSO-8-3
TLE 6250 C
Q67000-A9594
(chip)
TLE 6250 G V33
Q67006-A9523
P-DSO-8-3
TLE 6250 C V33
Q67000-A9538
(chip)


Similar Part No. - TLE6250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250G INFINEON-TLE6250G Datasheet
544Kb / 26P
High Speed CAN-Transceiver
Rev. 4.0, April 2008
TLE6250G INFINEON-TLE6250G Datasheet
934Kb / 24P
High Speed CAN-Transceiver
Rev. 4.1 2017-03-15
TLE6250G INFINEON-TLE6250G Datasheet
769Kb / 24P
High Speed CAN-Transceiver
Rev. 4.2
TLE6250GV33 INFINEON-TLE6250GV33 Datasheet
544Kb / 26P
High Speed CAN-Transceiver
Rev. 4.0, April 2008
TLE6250GV33 INFINEON-TLE6250GV33 Datasheet
934Kb / 24P
High Speed CAN-Transceiver
Rev. 4.1 2017-03-15
More results

Similar Description - TLE6250G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
CAN Transceiver
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
CAN Transceiver
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
CAN Transceiver
logo
Texas Instruments
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com