Electronic Components Datasheet Search
  English  ▼

X  

TLE6250G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6250G
Description  CAN-Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6250G Datasheet HTML 10Page - Infineon Technologies AG TLE6250G Datasheet HTML 11Page - Infineon Technologies AG TLE6250G Datasheet HTML 12Page - Infineon Technologies AG TLE6250G Datasheet HTML 13Page - Infineon Technologies AG TLE6250G Datasheet HTML 14Page - Infineon Technologies AG TLE6250G Datasheet HTML 15Page - Infineon Technologies AG TLE6250G Datasheet HTML 16Page - Infineon Technologies AG TLE6250G Datasheet HTML 17Page - Infineon Technologies AG TLE6250G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TLE 6250 V33
Data Sheet Version 3.4
14
2002-10-08
Dynamic CAN-Transceiver Characteristics
Propagation delay
TxD-to-RxD LOW
(recessive to dominant)
t
d(L),TR
–
150
280
ns
C
L = 47 pF;
R
L = 60 Ω; VCC = 5 V;
C
RxD = 20 pF
Propagation delay
TxD-to-RxD HIGH
(dominant to recessive)
t
d(H),TR
–
150
280
ns
C
L = 47 pF;
R
L = 60 Ω; VCC = 5 V;
C
RxD = 20 pF
Propagation delay
TxD LOW to bus
dominant
t
d(L),T
–
100
140
ns
C
L = 47 pF;
R
L = 60 Ω; VCC = 5 V
Propagation delay
TxD HIGH to bus
recessive
t
d(H),T
–
100
140
ns
C
L = 47 pF;
R
L = 60 Ω; VCC = 5 V
Propagation delay
bus dominant to RxD
LOW
t
d(L),R
–
50
140
ns
C
L = 47 pF;
R
L = 60 Ω; VCC = 5 V;
C
RxD = 20 pF
Propagation delay
bus recessive to RxD
HIGH
t
d(H),R
–
50
140
ns
C
L = 47 pF;
R
L = 60 Ω; VCC = 5 V;
C
RxD = 20 pF
1)
Electrical Characteristics (cont’d)
4.5 V <
V
CC <5.5 V; RL =60 Ω; VINH < VINH,ON; – 40 °C < Tj < 150 °C; all voltages with
respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com