Electronic Components Datasheet Search
  English  ▼

X  

NTS4409N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTS4409N
Description  Small Signal MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS4409N Datasheet(HTML) 2 Page - ON Semiconductor

  NTS4409N Datasheet HTML 1Page - ON Semiconductor NTS4409N Datasheet HTML 2Page - ON Semiconductor NTS4409N Datasheet HTML 3Page - ON Semiconductor NTS4409N Datasheet HTML 4Page - ON Semiconductor NTS4409N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTS4409N, NVS4409N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
25
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
30
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 20 V
TJ = 25°C
0.5
mA
TJ = 70°C
2.0
TJ = 125°C
5.0
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 8.0 V
100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.65
1.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
−2.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 0.6 A
249
350
mW
VGS = 2.7 V, ID = 0.2 A
299
400
VGS = 4.5 V, ID = 1.2 A
260
Forward Transconductance
gFS
VDS = 5.0 V, ID = 0.5 A
0.5
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 10 V
49
60
pF
Output Capacitance
COSS
22.4
30
Reverse Transfer Capacitance
CRSS
8.0
12
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V,
ID = 0.8 A
1.2
1.5
nC
Threshold Gate Charge
QG(TH)
0.2
Gate−to−Source Charge
QGS
0.28
0.50
Gate−to−Drain Charge
QGD
0.3
0.40
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 0.7 A, RG = 51 W
5.0
12
ns
Rise Time
tr
8.2
8.0
Turn−Off Delay Time
td(OFF)
23
35
Fall Time
tf
41
60
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 0.6 A
TJ = 25°C
0.82
1.20
V
2. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com