Electronic Components Datasheet Search
  English  ▼

X  

NTS4409N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTS4409N
Description  Small Signal MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS4409N Datasheet(HTML) 3 Page - ON Semiconductor

  NTS4409N Datasheet HTML 1Page - ON Semiconductor NTS4409N Datasheet HTML 2Page - ON Semiconductor NTS4409N Datasheet HTML 3Page - ON Semiconductor NTS4409N Datasheet HTML 4Page - ON Semiconductor NTS4409N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS4409N, NVS4409N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
03
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
2.4
0.8
0
Figure 1. On−Region Characteristics
0.8
3.2
3.2
1.6
4
2.4
1.6
0
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.4
0.2
0
Figure 3. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−50
0
−25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.8
1.6
TJ = −55°C
TJ = 125°C
75
150
ID = 0.75 A
2
25°C
0
3.2
Figure 6. Capacitance Variation
2.5 V
8 V
VDS ≥ 10 V
0.6
VGS = 2 V
1.6
3.2
0.8
2.4
TJ = 125°C
2.4
VGS = 4.5 V
TJ = −55°C
TJ = 25°C
0.8
2
1.6
0.5
1.5
2.5
VGS = 1.5 V
3 V
4.5 V
VGS = 0 V
10
0
80
60
20
0
DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
525
15
40
100
20
0.4
0.2
0
ID, DRAIN CURRENT (AMPS)
0.8
1.6
TJ = 125°C
0
3.2
0.6
2.4
VGS = 2.5 V
TJ = −55°C
TJ = 25°C
0.8
1.8
VGS = 4.5 V
VGS = 2.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com