Electronic Components Datasheet Search
  English  ▼

X  

TSL262 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TSL262
Description  IR LIGHTTOVOLTAGE OPTICAL SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL262 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TSL262 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TSL260, TSL261, TSL262
IR LIGHT TOVOLTAGE OPTICAL SENSORS
TAOS021 – MAY 2000
9
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
MECHANICAL DATA
The photodiode/amplifier chip is packaged in a black, infrared-transmissive plastic package. The integrated
photodiode active area is typically 1.0 mm2 (0.0016 in2), 0.5 mm2 (0.00078 in2), and 0.26 mm2 (0.0004 in2) for
the TSL260, TSL261, and TSL262, respectively.
2,25 (0.089)
1,75 (0.069)
0,75 (0.030)
0,65 (0.026)
0,635 (0.025)
0,4 (0.016)
2,125 (0.084)
1,875 (0.074)
4,2 (0.165)
3,8 (0.150)
1
2
3
15,7 (0.619)
13,2 (0.520)
0,86 (0.034)
0,46 (0.018)
2,05 (0.081)
1,55 (0.061)
3,05 (0.120)
2,55 (0.100)
4,8 (0.189)
4,4 (0.173)
0,75 (0.030) R
0,85 (0.033)
0,35 (0.014)
2,74 (0.108)
2,34 (0.092)
5,05 (0.199)
4,55 (0.179)
4,85 (0.191)
4,35 (0.171)
4,35 (0.171)
3,85 (0.152)
PIN 1 GND
PIN 2 VDD
PIN 3 OUT
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
1
2
3
0,51 (0.02)
0,385 (0.015)
1,25 (0.049)
0,75 (0.029)
1,75 (0.069)
1,25 (0.049)
0,65 (0.026)
0,55 (0.022)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com