Electronic Components Datasheet Search
  English  ▼

X  

TSL262 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL262
Description  IR LIGHTTOVOLTAGE OPTICAL SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL262 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL262 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL262 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TSL260, TSL261, TSL262
IR LIGHT TOVOLTAGE OPTICAL SENSORS
TAOS021 – MAY 2000
2
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 2)
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
240
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltages are with respect to GND.
2. Output may be shorted to either supply.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
9
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 940 nm, RL = 10 kΩ (unless otherwise noted)
(see Note 3)
PARAMETER
TEST
TSL260
TSL261
TSL262
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VDARK
Dark voltage
Ee = 0
3
10
3
10
3
10
mV
VOM
Maximum output
Ee = 2.6 mW/cm2
3.1
3.5
3.1
3.5
3.1
3.5
V
Ee = 48 µW/cm2
1
2
3
VO
Output voltage
Ee = 87 µW/cm2
1
2
3
V
VO
Out ut voltage
Ee = 525 µW/cm2
1
2
3
V
Ee = 48 µW/cm2,
TA = 0°C to 70°C
±1
Temperature coefficient
of output voltage (VO)
Ee = 87 µW/cm2,
TA = 0°C to 70°C
±1
mV/
°C
of out ut voltage (VO)
Ee = 525 µW/cm2,
TA = 0°C to 70°C
±1
Ne
Irradiance responsivity
See Note 4
42
23
3.8
mV/(
µW/cm2)
Ee = 48 µW/cm2,
No load
900
1600
IDD
Supply current
Ee = 87 µW/cm2,
No load
900
1600
µA
Ee = 525 µW/cm2,
No load
900
1600
NOTES:
3. The input irradiance Ee is supplied by a GaAs infrared-emitting diode with λp = 940 nm.
4. Irradiance responsivity is characterized over the range VO = 0.05 to 3 V.
Operating Characteristics at TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
TSL260
TSL261
TSL262
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tr
Output pulse rise time
VDD = 5 V,
λp = 940 nm
360
90
7
µs
tf
Output pulse fall time
VDD = 5 V,
λp = 940 nm
360
90
7
µs
Vn
Output noise voltage
VDD = 5 V,
f = 20 Hz
0.6
0.5
0.4
µV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com