Electronic Components Datasheet Search
  English  ▼

X  

FT260S Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT260S
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260S Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT260S Datasheet HTML 23Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 24Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 25Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 26Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 27Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 28Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 29Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 30Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Copyright © Future Technology Devices International Limited
27
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
5.4
GPIOs
Most of the digital I/O pins of the FT260 have a GPIO function as an alternative function. For example,
pin 10 can be RXD or GPIOC, and RXD is the main function of pin 10. Usually, if the main function of a
pin is switched off, the pin will be switched to a GPIO pin. Therefore, if UART is turned off, all UART pins
will become GPIO pins. The FT260 has 3 pins which have more than 2 functions. They are GPIO 2(pin
14), GPIOA (pin 7), and GPIOG (pin 27). The working function of these 3 pins can be configured by
eFUSE, EEPROM, or via USB commands. Please refer to the eFUSE and EEPROM sections for more details.
The FT260 has two sets of GPIO pins: GPIO0~5 and GPIOA~H. After the pins are configured as GPIO,
users can set or get the direction and pin status via the USB control pipe, i.e. HID SET_REPORT and
GET_REPORT requests. The FT260 also provides an interrupt input source on GPIO3/Interrupt (pin
15). If the interrupt is triggered, the FT260 will generate an interrupt report with report ID 0xB1 via the
interrupt IN pipe from the UART interface. The FT260 interrupt provides 4 trigger types: rising edge,
falling edge, level-high, and level-low. By default, it is configured as level-high for 30ms. Note, that GPIO
and interrupt are two different functions, which means if interrupt is the working function of pin 15, users
cannot set and get GPIO3 status. Switching pin 15 to be either GPIO or interrupt and trigger settings can
be done via EEPROM or USB commands.
The FT260 has flexible settings for suspend behaviour of all digital I/O pins. During suspend, these pins
can perform pushing high, pushing low, tristate, or no-change. No-change means to keep the original
function and value during suspend. The suspend behaviour can be configured in an external EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com