Electronic Components Datasheet Search
  English  ▼

X  

FT260S Datasheet(PDF) 49 Page - Future Technology Devices International Ltd.

Part # FT260S
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260S Datasheet(HTML) 49 Page - Future Technology Devices International Ltd.

Back Button FT260S Datasheet HTML 45Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 46Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 47Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 48Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 49Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 50Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 51Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 52Page - Future Technology Devices International Ltd. FT260S Datasheet HTML 53Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Copyright © Future Technology Devices International Limited
49
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
Parameter
Default Value
Notes
Remote Wake Up
Enable
Define if the FT260 supports remote wake up or not.
Manufacturer Name
FTDI
Describing the manufacturer. A string descriptor defined in USB
device descriptors
Product Description
FT260
Describing the product. A string descriptor defined in USB
device descriptors
Serial Number Enabled?
No
Enable the string descriptor for serial number or not.
Serial Number
None
A unique serial number is generated and programmed into the
EEPROM. Refer to the Utility FT_Prog for details.
Suspend Out Polarity
Active-low
Set the polarity on GPIO2 pin for indicating suspend out.
Default is set as active-low.
RI as Wake-Up
Disable
UART RI can be the source to remote wakeup the USB host
when this remote wake up is allowed.
- Disable (default)
- Enable
RI Wake-Up Config
Falling Edge
Specify the criteria for RI to trigger a remote wake-up.
- Falling Edge(default), RI from Logic-High to Low
- Rising Edge, RI from Logic-Low to High
GPIO2 Function
SUSPOUT_N
The GPIO2 pin can be set as one of the alternative functions:
- GPIO2
- PWREN# (low active), device ready indicator
- TX_LED, UART TX transferring indicator
- SUSPOUT_N/SUSPOUT, USB suspend indicator
GPIOA Function
TX_ACTIVE
The GPIOA pin can be set as one of the alternative functions:
- GPIOA
- TX_LED, UART TX transferring indicator
- TX_ACTIVE
GPIOG Function
BCD_DET
The GPIOG pin can be set as one of the alternative functions:
- GPIOG
- PWREN# (low active), device ready indicator
- RX_LED, UART RX receiving indicator
- BCD_DET, Battery Charger Detection indicator
UART Drive Strength
4mA
Adjustable drive strength for UART related pins TXD/RXD,
CTS/RTS, DTR/DSR, TX_ACTIVE. Drive strength can be set as
4mA, 8mA, 12mA and 16mA
UART Slew Rate Enable?
Disable
Set the slew rate control for UART related pins TXD/RXD,
CTS/RTS, DTR/DSR, TX_ACTIVE. Default is disabled
GPIO Drive Strength
4mA
Adjustable drive strength for GPIO related pins GPIO0, GPIO1,
GPIO2, GPIO3, GPIO4, and GPIO5. Drive strength can be set as
4mA, 8mA, 12mA and 16mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com