Electronic Components Datasheet Search
  English  ▼

X  

VSC7133 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7133
Description  10-bit Transceiver for Fibre Channel and Gigabit Ethernet
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7133 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7133 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
1/17/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
10-bit Transceiver for Fibre
Channel and Gigabit Ethernet
Advance Product Information
VSC7133
G52187-0 Rev. 2.4
Features
General Description
The VSC7133 is a full-speed Fibre Channel and Gigabit Ethernet Transceiver with industry-standard
pinouts. It accepts 10-bit 8B/10B encoded transmit data, latches it on the rising edge of the TTL/PECL REF-
CLK and serializes it onto the TX PECL differential outputs at a baud rate which is ten times the REFCLK fre-
quency. Serial data input on the RX PECL differential inputs is resampled by the Clock Recovery Unit,
deserialized onto the 10-bit receive data bus synchronously to complementary divide-by-twenty clocks. The
VSC7133 receiver detects “Comma” characters for frame alignment. An analog/digital signal detection circuit
indicates that a valid signal is present on the RX input. A cable equalizer compensates for Inter Symbol Interfer-
ence in order to increase maximum cable distances. The VSC7133 contains PLL circuitry for synthesis of the
baud-rate transmit clock, and extraction of the clock from the received serial stream. The VSC7133 is similar to
the VSC7123 but has either a TTL or a PECL reference clock.
VSC7133 Block Diagram
• 802.3z Gigabit Ethernet Compliant 1.25
Gb/s Transceiver
• ANSI X3T11 Fibre Channel Compliant
1.0625 Gb/s Transceiver
• 0.98 to 1.36 Gb/s Full Duplex Operation
• 10 Bit TTL Interface for Transmit and
Receive Data
• TTL or PECL Reference Clock
• Automatic Lock-to-Reference
• RX Cable Equalization and Signal Detect
• JTAG Access Port for Testability
• 64-pin, 10mm PQFP Packaging
• Single +3.3V Supply, 650 mW
RX+
RX-
Q D
Serial to
Parallel
Clock
Recovery
÷10
Comma
R(0:9)
COMDET
ENCDET
T(0:9)
x10 Clock
Multiply
Parallel
to Serial
TX+
TX-
EWRAP
÷20
RCLK
10
10
2:1
RCLKN
Signal
Detect
Q D
QD
Detect
SIGDET
D Q
D Q
NOT SHOWN: JTAG Boundary Scan
REFCLKP
REFCLKN


Similar Part No. - VSC7133

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132YB VITESSE-VSC7132YB Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7135 VITESSE-VSC7135 Datasheet
125Kb / 16P
1.25Gbits/sec Gigabit Ethernet Transceiver
VSC7135QN VITESSE-VSC7135QN Datasheet
125Kb / 16P
1.25Gbits/sec Gigabit Ethernet Transceiver
More results

Similar Description - VSC7133

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
Gigabit Ethernet/Fibre Channel Transceiver
S2070 AMCC-S2070 Datasheet
168Kb / 20P
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com