Electronic Components Datasheet Search
  English  ▼

X  

VSC7133 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7133
Description  10-bit Transceiver for Fibre Channel and Gigabit Ethernet
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7133 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7133 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7133
10-bit Transceiver for Fibre
Channel and Gigabit Ethernet
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/17/00
G52187-0 Rev. 2.4
Signal Detection:
The receiver has an output, SIGDET, indicating, when HIGH, that the RX input contains a valid Fibre
Channel or Gigabit Ethernet signal. A combination of one analog and three digital checks are used to determine
if the incoming signal contains valid data. SIGDET is updated every four RCLKs. If during the current period,
all the four criteria are met, SIGDET will be HIGH during the next 4 RCLK period. If during the current period,
any of the four criteria is not met, SIGDET will be LOW during the next 4 RCLK period.
1.) Analog transition detection is performed on the input to verify that the signal swings are of adequate
amplitude. The RX+/- input buffer contains a differential voltage comparator which will go high if the differen-
tial peak-to-peak amplitude is greater than 400mV or LOW if under 200mV. If the amplitude is between 200
and 400mV, the output is indeterminate.
2.) Data on R(0:9) is monitored for all zeros (0000000000). If this pattern is encountered during the current
RCLK interval, the SIGDET output will go LOW during the next four RCLK interval.
3.) Data on R(0:9) is monitored for all ones (1111111111). If this pattern is encountered during the current
RCLK interval, the SIGDET output will go LOW during the next four RCLK interval.
4.) Data on R(0:9) is monitored for K28.5- (0011111010). Unlike previous patterns, the interval during
which a K28.5- must occur is 64K+24 10-bit characters in length. Valid Fibre Channel or Gigabit Ethernet data
will contain a K28.5- character during any period of this length. If a K28.5- is not detected during the monitor-
ing period , SIGDET will go LOW during the next period.
The behavior of SIGDET is affected by EWRAP and ENCDET as shown below.
Table 1: Signal Detect Behaviour
COMDET, RCLK, RCLKN and R(0:9) are unaltered by SIGDET.
JTAG Access Port
A JTAG Access Port is provided to assist in board-level testing. Through this port most pins can be
accessed or controlled and all TTL outputs can be tri-stated. A full description of the JTAG functions on this
device is available in “VSC7123/VSC7133 JTAG Access Port Functionality”.
EWRAP
ENCDET
Transition
Detect
All Zeros/
All Ones
K28.5
Presence
Mode
0
0
Enabled
Enabled
Enabled
Normal
0
1
Enabled
Enabled
Disabled
COMDET Disable
1
0
Enabled
Disabled
Disabled
Loopback
1
1
Enabled
Disabled
Disabled
Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com