Electronic Components Datasheet Search
  English  ▼

X  

VCT3811A Datasheet(PDF) 49 Page - Micronas

Part # VCT3811A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3811A Datasheet(HTML) 49 Page - Micronas

Back Button VCT3811A Datasheet HTML 45Page - Micronas VCT3811A Datasheet HTML 46Page - Micronas VCT3811A Datasheet HTML 47Page - Micronas VCT3811A Datasheet HTML 48Page - Micronas VCT3811A Datasheet HTML 49Page - Micronas VCT3811A Datasheet HTML 50Page - Micronas VCT3811A Datasheet HTML 51Page - Micronas VCT3811A Datasheet HTML 52Page - Micronas VCT3811A Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
49
Fig. 3–2: Memory environment of text controller
3.4. Teletext Acquisition
The only task of the slicer circuit is to extract teletext
lines from the incoming composite video signal and to
store them into the acquisition scratch buffer of the
internal/external SRAM. No page selection is done at
this hardware level.
Four analog sources can be connected, thus it is pos-
sible to receive text from one channel while watching
another on the screen. After clamping and AGC ampli-
fier the analog video signal is converted into binary
data. Sync separation is done by a sync slicer and a
horizontal PLL, which generate the horizontal and ver-
tical timing. By these means, no external sync signals
are needed and any available signal source can be
used for teletext reception.
The teletext information itself is acquired using adap-
tive slicers on bit and byte level with soft error detec-
tion to decrease the bit error rate under bad reception
conditions. The slicer can be programmed to different
bit rates for reception of PAL, NTSC or MAC world sys-
tem teletext as well as VPS, WSS, or CAPTION sig-
nals.
3.5. Teletext Page Management
As a state-of-the-art teletext decoder, the TPU is able
to store and manage a sufficient number of teletext
pages to absorb the annoying transmission cycle
times. The number of available pages is only limited by
the memory size. With an intelligent software and a
4-Mbit SRAM it is possible to store and to control more
than 500 teletext pages.
The management of such a data base is a typical soft-
ware task and is therefore performed by the 65C02.
Using a fixed length page table with one entry for every
possible page, the software distributes the content of
the acquisition scratch buffer among the page memory.
The page size is fixed to 1 kByte, only ghost rows are
chained in 128-Byte segments to avoid unused mem-
ory space.
A stored teletext page cannot be displayed directly,
because of the row-adaptive transmission and the
level 2 enhancements (row 26
−29). Therefore, the
CPU has to transfer the selected teletext page into a
display page buffer, adding extra data such as charac-
ter set extension and non-spacing attributes.
3.5.1. Memory Manager
The Memory manager is the core of the internal TPU
firmware. Most of the acquisition and display related
functions are controlled by this management.
Fig. 3–3: Memory Manager
DMA
Interface
12K
Program ROM
12K
Character ROM
Zero Page
Stack Page
I/O Page
ADR
DATA
BE
RDY
65C02
BUSREQ
Display
DATA
ADR
Extra Page
8000
1000
0000
D000
Display
Memory
Memory
Manager
Display
Controller
Page
Memory
Page
Table
Scratch
Memory
Acquisition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com