Electronic Components Datasheet Search
  English  ▼

X  

VCT3811A Datasheet(PDF) 91 Page - Micronas

Part # VCT3811A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3811A Datasheet(HTML) 91 Page - Micronas

Back Button VCT3811A Datasheet HTML 87Page - Micronas VCT3811A Datasheet HTML 88Page - Micronas VCT3811A Datasheet HTML 89Page - Micronas VCT3811A Datasheet HTML 90Page - Micronas VCT3811A Datasheet HTML 91Page - Micronas VCT3811A Datasheet HTML 92Page - Micronas VCT3811A Datasheet HTML 93Page - Micronas VCT3811A Datasheet HTML 94Page - Micronas VCT3811A Datasheet HTML 95Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
91
5.7.2.1. From Standby into Normal Mode
To switch the whole TV application from standby oper-
ation into normal mode the controller has to perform
the following sequence:
– RC.RESDIS = 1, RC.DCOCLP = 1
– RC.RESOUT =1
– switch on power supply
– wait for stable power supply
– RC.SELCLK = 1, RC.I2CEN = 1
– RC.DCOCLP = 0, RC.RESOUT = 0
– wait for RC.ALI = 0 (ext. capacitor!)
– RC.RESDIS = 0
– init DMA interface
– init TPU, VDP and Audio
– init external devices
5.7.2.2. From Normal into Standby Mode
To switch the whole TV application from normal mode
into standby operation the controller has to perform the
following sequence:
– RC.DCOCLP = 1, RC.I2CEN = 0
– wait 1ms for stable 20.25MHz DCO
– RC.SELCLK = 0
– turn off power supply
– set TPU into standby mode
– SR0 = 2, SR1 = 8, SR2 = 0
5.7.3. Internal Reset Sources
The VCT 38xxA contains three internal circuits that are
able to generate a system reset: watchdog, supply
supervision, and clock supervision.
All internal resets are directed to the open drain output
of pin RESQ. Thus a “wired or” combination with exter-
nal reset sources is possible. The RESQ pin is current
limited and therefore large external capacitances may
be connected.
All internal reset sources initially set a reset request
flag. This flag activates the pull-down transistor on the
RESQ pin. An internal reset prolongation counter
starts, as soon as no internal reset source is active any
more. It counts 4096 fCPU periods (for alternative set-
tings refer to register CR) and then resets the reset
request flag, thus releasing the RESQ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com