Electronic Components Datasheet Search
  English  ▼

X  

AC751 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC751
Description  200 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC751 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC751 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC751 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
* Measured in a 50-ohm system at +5 Vdc unless otherwise specified.
AS751
Typical Values
AC751
High Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+5 V, 11 mA
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.9 dB
Medium Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.0 dB
High Performance Thin Film
Standard Size TO-8 Package
Typical @ 25 °C; 500 MHz
AC751
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . .
+40 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+27 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+20 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+9 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . . .
+91 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+5.9 °C
1 Thermal resistance is based on total power dissipation.
AC751
AC751
200 TO 700 MHz
TO-8 CASCADABLE AMPLIFIER
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
100-800 MHz
200-700 MHz
200-700 MHz
Small Signal Gain (Min.)
13.0 dB
12.5 dB
12.0 dB
Gain Flatness (Max.)
< ±0.2 dB
±0.4 dB
±0.6 dB
Noise Figure (Max.)
1.9 dB
2.4 dB
2.9 dB
SWR (Max.)
Input
< 1.3:1
1.7:1
1.9:1
Output
< 1.7:1
1.9:1
2.0:1
Power Output (Min.)
@ 1dB comp.
200-500 MHz
> +4.8 dBm
+4.0 dBm
+3.5 dBm
500-700 MHz
> +6.5 dBm
+6.0 dBm
+5.5 dBm
Reverse Isolation
20.0 dB
——
DC Current (Max.)
11 mA
13 mA
16 mA


Similar Part No. - AC751

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750 Datasheet
1Mb / 5P
AC750 Wireless Dual Band Gigabit Router
AC750 TP-LINK-AC750 Datasheet
982Kb / 5P
AC750 Wireless Dual Band Router
AC750 TP-LINK-AC750 Datasheet
2Mb / 7P
Wireless Dual Band Router
AC750 TP-LINK-AC750 Datasheet
1Mb / 6P
AC750 Wireless Dual Band Router
AC750 TP-LINK-AC750 Datasheet
2Mb / 5P
AC750 Wi-Fi Travel Router
More results

Similar Description - AC751

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AP148 ETC-AP148 Datasheet
117Kb / 2P
1 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC688 TELEDYNE-AC688 Datasheet
109Kb / 1P
200 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
AC718 TELEDYNE-AC718 Datasheet
173Kb / 2P
100 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2566 TELEDYNE-AC2566 Datasheet
179Kb / 2P
200 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AP719 TELEDYNE-AP719 Datasheet
175Kb / 2P
10 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
AP2048 TELEDYNE-AP2048 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com