Electronic Components Datasheet Search
  English  ▼

X  

AC751 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC751
Description  200 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC751 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC751 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC751 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC751
FREQUENCY - MHz
50
100
200
300
400
500
600
700
800
900
50
100
200
300
400
500
600
700
800
900
50
100
200
300
400
500
600
700
800
900
50
100
200
300
400
500
600
700
800
900
50
100
200
300
400
500
600
700
800
900
Gain vs Temperature Vcc = 5
Noise Figure
K EY: +25 ° C
+85 ° C
- 55 ° C
12.0
11.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
Power Output at 1 dB Compression
60
50
40
30
20
10
Intercept Point Vcc = 8
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
4.0
3.0
2.0
1.0
14.0
13.0
12.0
11.0
2nd HAR
IP 3
IP 2
+8 V
+5 V
+8 V
50
40
30
20
10
0
Intercept Point Vcc = 5
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
+5 V
Model: AC751
Vcc=+5V
Icc=11.95
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
150
1.39
1.72
13.4
0.716
-20.7
200
1.28
1.65
13.4
0.716
-20.7
300
1.15
1.64
13.2
0.575
-20.7
400
1.06
1.65
13.1
0.506
-20.6
500
1.08
1.63
13.1
0.480
-20.5
600
1.21
1.57
13.0
0.480
-20.4
700
1.40
1.46
13.0
0.481
-20.4
800
1.66
1.30
12.9
0.500
-20.4
LINEAR S-PARAMETERS
Model: AC751
Vcc=+5V
Icc=11.95
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
150
0.16
75.0
4.69
174.5
0.092
168.0
0.27
73.9
200
0.12
66.8
4.67
162.4
0.092
160.0
0.25
65.5
300
0.07
55.0
4.60
143.1
0.092
147.0
0.24
51.6
400
0.03
68.9
4.54
126.3
0.093
135.0
0.25
39.6
500
0.04
145.0
4.51
110.5
0.094
124.0
0.24
28.8
600
0.10
155.6
4.48
94.6
0.095
112.0
0.22
18.7
700
0.17
148.0
4.46
78.7
0.095
100.0
0.19
10.0
800
0.25
136.8
4.43
62.2
0.095
88.0
0.13
5.8
900
0.34
123.8
4.36
45.4
0.094
74.0
0.07
23.5
Model: AC751
Vcc=+8V
Icc=18.64
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
150
1.43
1.74
13.8
0.685
-20.2
200
1.33
1.69
13.7
0.685
-20.2
300
1.22
1.70
13.6
0.556
-20.2
400
1.15
1.73
13.5
0.490
-20.2
500
1.13
1.74
13.4
0.465
-20.1
600
1.19
1.69
13.3
0.464
-20.0
700
1.33
1.59
13.3
0.464
-20.0
800
1.55
1.43
13.3
0.485
-20.0
LINEAR S-PARAMETERS
Model: AC751
Vcc=+8V
Icc=18.64
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
150
0.18
88.5
4.89
173.1
0.098
170.0
0.27
82.5
200
0.14
82.6
4.86
161.5
0.098
162.0
0.26
74.1
300
0.10
74.8
4.77
142.9
0.098
149.0
0.26
59.2
400
0.07
79.1
4.71
126.7
0.098
137.0
0.27
46.4
500
0.06
104.2
4.67
111.4
0.099
125.0
0.27
34.7
600
0.08
131.0
4.64
96.1
0.100
114.0
0.26
23.6
700
0.14
136.3
4.63
80.8
0.100
102.0
0.23
13.4
800
0.22
131.4
4.64
64.8
0.101
91.0
0.18
5.4
900
0.30
121.7
4.60
48.6
0.099
78.0
0.11
5.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com