Electronic Components Datasheet Search
  English  ▼

X  

MLX90367 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX90367
Description  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90367 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 5 of 36
Datasheet
Rev 5.2
Dec. 15, 15
3. Glossary of Terms −
−
−
− Abbreviations −
−
−
− Acronyms
Gauss (G), Tesla (T): Units for the magnetic flux density − 1 mT = 10 G
TC: Temperature Coefficient (in ppm/Deg.C.)
NC: Not Connected
SENT: Single Edge Nibble Transmission
ADC: Analog-to-Digital Converter
LSB: Least Significant Bit
MSB: Most Significant Bit
DNL: Differential Non-Linearity
INL: Integral Non-Linearity
RISC: Reduced Instruction Set Computer
ASP: Analog Signal Processing
DSP: Digital Signal Processing
CoRDiC: Coordinate Rotation Digital Computer (i.e. iterative rectangular-to-polar transform)
EMC: Electro-Magnetic Compatibility
4. Pinout
Pin #
SOIC-8
TSSOP-16
1
VDD
VDIG1
2
Test 0
VSS1 (Ground1)
3
Test 2
VDD1
4
Not Used
Test 01
5
OUT
Test 22
6
Test 1
OUT2
7
VDIG
Not Used2
8
VSS (Ground)
Test 12
9
VDIG2
10
VSS2 (Ground2)
11
VDD2
12
Test 02
13
Test 21
14
Not Used1
15
OUT1
16
Test 11
For optimal EMC behavior, it is recommended to connect the unused pins (Not Used and Test) to the
Ground (see section 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com