Electronic Components Datasheet Search
  English  ▼

X  

MLX90367 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90367
Description  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90367 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 9 of 36
Datasheet
Rev 5.2
Dec. 15, 15
8. MLX90367 Isolation Specification
DC Operating Parameters at Nominal Supply Voltage (unless otherwise specified) and for TA as specified
by the Temperature suffix (E or K or L). Only valid for the package code GO i.e. dual die version.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Isolation Resistance
Between 2 dies
4
MΩ
9. MLX90367 Timing Specification
DC Operating Parameters at Nominal Supply Voltage (unless otherwise specified) and for TA as specified
by the Temperature suffix (E or K or L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Main Clock Frequency
Ck
All contributors (trimming accuracy,
supply voltage, thermal and ageing)
12.6
13.3
14
MHz
Main Clock Frequency Thermal
Drift
∆TCk
± 3%
CkNOM
Tick time
Default EEPROM setting
Exact value for Ck = 13.3 MHz
The typical value will be affected
by any variation of the clock
3
µs
Low pulse tick count
4
5
ticks
SENT Frame Period
tframe
882
µs
Internal Angle Measurement
Period
tper
441
µs
First Angle Measurement to
Sync Pulse latency
ta1
1084
µs
Second Angle Measurement to
Sync Pulse latency
ta2
643
µs
Field Change to SENT Data :
Average Latency
Latency
FILTER = 1 (recommended)
SENT Transmission Included
1745
1745
µs
SENT Frame Tick Count
Default EEPROM setting
294
294
Watchdog
twd
114.5
118
121.5
ms
Start-up Time (up to first sync
pulse)
tsu1
1.8
ms
Start-up Time (up to first data
received)
tsu2
Last pause pulse not included
5.9
6.3
ms
Serial Message
Extended sequence ( 40 frames )
Short sequence ( 24 frames )
635.04
381.02
ms
Rise Time @ Cable
Thresholds : 0.5V and 4.5V
See section 9.2
2.97
5.31
µs
Rise Time @ Receiver
5.07
6.84
µs
Fall Time @ Cable
2.65
2.82
µs
Fall Time @ Receiver
4.84
4.9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com