Electronic Components Datasheet Search
  English  ▼

X  

J430 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # J430
Description  PulseJack Low Profile 1x2 Gigabit Tab-Up
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J430 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  J430 Datasheet HTML 1Page - Pulse A Technitrol Company J430 Datasheet HTML 2Page - Pulse A Technitrol Company J430 Datasheet HTML 3Page - Pulse A Technitrol Company J430 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mating Force
Unmating Force
Plug to Jack
Part Number
(MAX)
(MAX)
Durability
Retention (MIN)
JGL Series
5 lbs./2.268 kgs.
5 lbs./2.268 kgs.
750 Insertions
20 lbs./9.072 kgs.
RJ45 Durability Testing Rating
Features and Benefits:
RoHS peak wave solder temperature rating 260
°C
Low height and small footprint to minimize board space
Electrical Performance Summary:
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
PulseJackTM
Low Profile 1x2 Gigabit Tab-Up
Description:
Gigabit (10/100/1000Base-T) dual port RJ45 (1x2) Tab-UP integrated magnetics connector, designed to support
applications, such as Servers, PCI-Express, and Switches.
www.pulseeng.com
Notes: 1. Connector dimensions comply with FCC dimension requirements.
2. MSL - Moisture Sensitivity Level
Part
Shield
Contact
Housing
MSL2
Number Material
Finish
Material
Plating Area
Solder Area
Material
Specification
Rating
JGL
30-50µ inches thick nickel
Phosphor
50µ inches gold over
Tin matte
Series
Brass
over brass
Bronze
50µ inches nickel
finish over nickel
Thermoplastic
UL 94 V-0
1
RJ45 Material Specification
Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
www.pulseeng.com
1
J430.D (10/09)
Part
Number
LEDs1
Speed
EMI Tabs
Insertion
Loss
TX/RX
(dB)
Return Loss
(dB TYP)
100
W (
±15W)
Crosstalk
(dB TYP)
Common
Mode
Rejection
(dB TYP)
Hipot
(MIN)
1-100
MHz
1-10
MHz
30
MHz
60-80
MHz
80-100
MHz
1-10
MHz
32-65
MHz
65-100
MHz
1-125
MHz
@60Hz
1 MIN
JGL-0001NL
G/G
10/100/1000BT
Yes
-1.2
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
JGL-0004NL
G/G-A
10/100/1000BT
Yes
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
Notes: 1. LEDs Left/Right: G = green, G-A = green-amber


Similar Part No. - J430

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J431-5PM TELEDYNE-J431-5PM Datasheet
143Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
J431M3-26PL WILLOW-J431M3-26PL Datasheet
143Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Pulse A Technitrol Comp...
J432 PULSE-J432 Datasheet
466Kb / 3P
PulseJack Single-Port Gigabit PoE
logo
Willow Technologies Ltd
J432YM-26PL WILLOW-J432YM-26PL Datasheet
152Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Pulse A Technitrol Comp...
J434 PULSE-J434 Datasheet
576Kb / 3P
1x1 Tab-DOWN RJ45
More results

Similar Description - J430

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
PulseJack??1X1 Tab-Up RJ45
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
PULSEJACK Single-Port Gigabit PoE
logo
XFMRS Inc.
XFGIG8-CTGXU2-4M XFMRS-XFGIG8-CTGXU2-4M Datasheet
82Kb / 2P
1X2 TAB UP COMBO SERIES
XFGIG8N-CT4-4M XFMRS-XFGIG8N-CT4-4M Datasheet
132Kb / 2P
GIGABIT COMBO TAB UP
logo
Pulse A Technitrol Comp...
J405 PULSE-J405 Datasheet
1Mb / 6P
PulseJack 2xN GIGABIT
J410 PULSE-J410 Datasheet
949Kb / 6P
PulseJack 1xN Tab-Up
J432 PULSE-J432 Datasheet
466Kb / 3P
PulseJack Single-Port Gigabit PoE
logo
HALO Electronics, Inc.
HFJ12-1G11ERL HALO-HFJ12-1G11ERL Datasheet
650Kb / 4P
1x2 and 1x4 Tab-Down Ganged Gigabit RJ45
logo
VITALCONN ELECTRONICS H...
J11JG61P3DP01 VITALCONN-J11JG61P3DP01 Datasheet
2Mb / 3P
Gigabit Tab UP 1X1 RJ45 CONNECTOR (Ultar Low Profile)
REV:A
J11JE7Q3NP01 VITALCONN-J11JE7Q3NP01 Datasheet
396Kb / 4P
10 Gigabit Tab UP 1X1 RJ45 CONNECTOR (Ultra Low Profile)
REV: A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com