Electronic Components Datasheet Search
  English  ▼

X  

J430 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # J430
Description  PulseJack Low Profile 1x2 Gigabit Tab-Up
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J430 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  J430 Datasheet HTML 1Page - Pulse A Technitrol Company J430 Datasheet HTML 2Page - Pulse A Technitrol Company J430 Datasheet HTML 3Page - Pulse A Technitrol Company J430 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PulseJackTM
Low Profile 1x2 Gigabit Tab-Up
www.pulseeng.com
www.pulseeng.com
4
J430.D (10/09)
Schematics
JGL-0004NL
JGL-0001NL
GRN
GRN
GRN
GRN
EMMITTED COLOR
GREEN
105 mW MAX
25 mA MAX
2.2V TYP
565
WAVELENGTH (nM)
POWER DISSIPATION (Pd)
DC FORWARD CURRENT
FORWARD VOLTAGE (VF) @ 20 mA
NOTE: PER VENDOR’S SPECIFICATION
JGL-0001NL LEDs
JGL-0004NL LEDs
EMMITTED COLOR
GREEN
GREEN
AMBER
105 mW MAX
25 mA MAX
2.2V TYP
565
105 mW MAX
25 mA MAX
2.2V TYP
565
105 mW MAX
30 mA MAX
2.15V TYP
607
WAVELENGTH (nM)
POWER DISSIPATION (Pd)
DC FORWARD CURRENT
FORWARD VOLTAGE (VF) @ 20 mA
NOTE: PER VENDOR’S SPECIFICATION
BICOLOR
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Rd. West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South
Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Rd.
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.© Copyright, 2009. Pulse Engineering, Inc. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com