Electronic Components Datasheet Search
  English  ▼

X  

2PD601AW Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2PD601AW
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2PD601AW Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2PD601AW Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2PD601AW Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2PD601AW Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
2PD601AW
F028
www.gmicroelec.com
Rev.A
1
FEATURES
Collector Current.(IC= 100mA
)
Excellent HFE Linearity.
Power dissipation.(PC=200mW)
APPLICATIONS
General purpose application.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
2PD601AW
6D/6E/6F
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
100
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
℃
Pb
Lead-free


Similar Part No. - 2PD601AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601AW PHILIPS-2PD601AW Datasheet
48Kb / 8P
NPN general purpose transistor
2002 Jun 26
logo
Galaxy Semi-Conductor H...
2PD601AW BILIN-2PD601AW Datasheet
132Kb / 3P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2PD601AW KEXIN-2PD601AW Datasheet
50Kb / 2P
NPN General Purpose Transistor
logo
Jiangsu Changjiang Elec...
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2PD601AW BILIN-2PD601AW Datasheet
109Kb / 3P
NPN Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2PD601AW

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com