Electronic Components Datasheet Search
  English  ▼

X  

2PD601AW Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2PD601AW
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2PD601AW Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2PD601AW Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2PD601AW Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2PD601AW Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
2PD601AW
F028
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.01
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.01
μA
DC current gain
hFE
VCE=10V,IC=2mA
2PD601AQW
2PD601ARW
2PD601ASW
160
210
290
260
340
460
VCE=2V,IC=100mA
90
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 10mA
0.5
V
Transition frequency
fT
VCE=6V, IC= 2mA
f=100MHz 2PD601AQW
2PD601ARW
2PD601ASW
100
120
140
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com