Electronic Components Datasheet Search
  English  ▼

X  

AD5170 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5170
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5170 Datasheet HTML 7Page - Analog Devices AD5170 Datasheet HTML 8Page - Analog Devices AD5170 Datasheet HTML 9Page - Analog Devices AD5170 Datasheet HTML 10Page - Analog Devices AD5170 Datasheet HTML 11Page - Analog Devices AD5170 Datasheet HTML 12Page - Analog Devices AD5170 Datasheet HTML 13Page - Analog Devices AD5170 Datasheet HTML 14Page - Analog Devices AD5170 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5170
Rev. A | Page 11 of 24
TEST CIRCUITS
Figure 24 to Figure 29 illustrate the test circuits that define the
test conditions used in the product specification tables.
VMS
A
W
B
DUT
V+
V+ = VDD
1LSB = V+/2N
Figure 24. Test Circuit for Potentiometer Divider Nonlinearity Error (INL, DNL)
NO CONNECT
IW
VMS
A
W
B
DUT
Figure 25. Test Circuit for Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
VMS2
VMS1
VW
A
W
B
DUT
IW = VDD/RNOMINAL
RW = [VMS1 – VMS2]/IW
Figure 26. Test Circuit for Wiper Resistance
∆V
MS%
DUT
(
)
A
W
B
V+
∆V
DD%
∆V
MS
∆V
DD
∆V
DD
VA
VMS
V+ = VDD ± 10%
PSRR (dB) = 20 LOG
PSS (%/%) =
Figure 27. Test Circuit for Power Supply Sensitivity (PSS, PSSR)
+15V
–15V
W
A
2.5V
B
VOUT
OFFSET
GND
DUT
AD8610
VIN
Figure 28. Test Circuit for Gain vs. Frequency
W
B
VCM
ICM
A
NC
GND
NC
VDD
DUT
NC = NO CONNECT
Figure 29. Test Circuit for Common-Mode Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com