Electronic Components Datasheet Search
  English  ▼

X  

AD5170 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5170
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5170 Datasheet HTML 12Page - Analog Devices AD5170 Datasheet HTML 13Page - Analog Devices AD5170 Datasheet HTML 14Page - Analog Devices AD5170 Datasheet HTML 15Page - Analog Devices AD5170 Datasheet HTML 16Page - Analog Devices AD5170 Datasheet HTML 17Page - Analog Devices AD5170 Datasheet HTML 18Page - Analog Devices AD5170 Datasheet HTML 19Page - Analog Devices AD5170 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5170
Rev. A | Page 16 of 24
EVALUATION SOFTWARE/HARDWARE
Figure 41. AD5170 Computer Software Interface
There are two ways of controlling the AD5170. Users can either
program the devices with computer software or external I2C
controllers.
SOFTWARE PROGRAMMING
Due to the advantages of the one-time programmable feature,
users may consider programming the device in the factory
before shipping the final product to end-users. ADI offers
device programming software that can be implemented in the
factory on PCs running Windows® 95 or later. As a result,
external controllers are not required, which significantly
reduces development time. The program is an executable file
that does not require knowledge of any programming languages
or programming skills. It is easy to set up and to use. Figure 41
shows the software interface. The software can be downloaded
from www.analog.com.
The AD5170 starts at midscale after power-up prior to OTP
programming. To increment or decrement the resistance, the
user may simply move the scrollbars on the left. To write any
specific value, the user should use the bit pattern in the upper
screen and press the Run button. The format of writing data to
the device is shown in Table 7. Once the desired setting is
found, the user presses the Program Permanent button to blow
the internal fuse links.
To read the validation bits and data from the device, the user
simply presses the Read button. The format of the read bits is
shown in Table 8.
To apply the device programming software in the factory, users
must modify a parallel port cable and configure Pin 2, Pin 3,
Pin 15, and Pin 25 for SDA_write, SCL, SDA_read, and DGND,
respectively, for the control signals (Figure 42). Users should
also lay out the PCB of the AD5170 with SCL and SDA pads, as
shown in Figure 43, such that pogo pins can be inserted for
factory programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com