Electronic Components Datasheet Search
  English  ▼

X  

J434 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # J434
Description  1x1 Tab-DOWN RJ45
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J434 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  J434 Datasheet HTML 1Page - Pulse A Technitrol Company J434 Datasheet HTML 2Page - Pulse A Technitrol Company J434 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
J434.A (07/11)
1
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
RoHS peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for Max EMI suppression
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature - 0°C to +70°C
RoHS
Compliant
Part No.
Data
Rate
Turns Ratio
EMI¹
Fingers
LEDs²
(L/R)
BST
Insertion
Loss
(dB MAX)
TX
RX
1-65MHz 1-10MHz 10-30MHz
30-
60MHz
60-
80MHz 1-30MHz
30-
60MHz
60-
100MHz 1-50MHz
50-
150MHz
@60Hz
1 MIN
JKM-0008NL 100BT
1CT:1
1CT:1
Yes
G/Y
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
JKM-0009NL 100BT
1CT:1
1CT:1
No
G/Y
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
JKM-0010NL 100BT
1CT:1
1CT:1
Yes
None
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
JKM-0011NL 100BT
1CT:1
1CT:1
No
None
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
Notes: LEDs Left/Right: G=Green, Y=Yellow.
Description:
10/100 Base-TX RJ45 1x1 Tab-DOWN 8-pin Integrated Magnetics Connector,
designed to support high volume cost-conscious consumer applications such
as: ADSL modems, Cable modems, STB and Video on Demand.
Return Loss
(dB MIN)
100Ω ± 15Ω
Crosstalk
(dB MIN)
Common Mode
Rejection
(dB MIN)
Hipot
(Vrms)
Features and Benefits:
Electrical Performance Summary:
RJ45 Durability Testing Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
Plug to Jack
Retention (MIN)
JKM Series
5lbs./2.268kgs.
5Ibs./2.268kgs.
750 Insertions
20Ibs./9.075kgs.
Part
Shield
Contact
Housing
MSL2
Number
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
Rating
JKM
20-40m inches Nickel over
Phosphor
Nickel underplating and
Tin matte finish
Series
Brass
10-20m inches Brass
Bronze
selective gold plating 15µ inches
Thermoplastic
UL 94 V-0
1
RJ45 Material Specification


Similar Part No. - J434

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J430 PULSE-J430 Datasheet
512Kb / 4P
PulseJack Low Profile 1x2 Gigabit Tab-Up
logo
Teledyne Technologies I...
J431-5PM TELEDYNE-J431-5PM Datasheet
143Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
J431M3-26PL WILLOW-J431M3-26PL Datasheet
143Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Pulse A Technitrol Comp...
J432 PULSE-J432 Datasheet
466Kb / 3P
PulseJack Single-Port Gigabit PoE
logo
Willow Technologies Ltd
J432YM-26PL WILLOW-J432YM-26PL Datasheet
152Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
More results

Similar Description - J434

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J00-0025 PULSE-J00-0025 Datasheet
143Kb / 3P
1x1 Tab-DOWN RJ45
logo
SUYIN USA, INC.
101110F9012M440ZA SUYIN-USA-101110F9012M440ZA Datasheet
211Kb / 9P
RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110F9017M447ZA SUYIN-USA-101110F9017M447ZA Datasheet
210Kb / 9P
RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110FD0V7M442ZA SUYIN-USA-101110FD0V7M442ZA Datasheet
204Kb / 9P
RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
logo
List of Unclassifed Man...
HFJ11-2450ERL ETC2-HFJ11-2450ERL Datasheet
356Kb / 2P
1x1 Tab-Down 10/100BASE-T RJ45
logo
Pulse A Technitrol Comp...
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
PulseJack 1X1 Tab-Down RJ45
J403 PULSE-J403 Datasheet
1Mb / 6P
1x1 Tab-DOWN RJ45
J436 PULSE-J436 Datasheet
568Kb / 5P
1X1 Tab-Down RJ45
logo
HALO Electronics, Inc.
HFJ11-2450HRL HALO-HFJ11-2450HRL Datasheet
478Kb / 3P
1x1 Tab-Down 10/100BASE-TX RJ45
HFJ11-CMC1ERL HALO-HFJ11-CMC1ERL Datasheet
421Kb / 3P
1x1 Tab-Down Common Mode Choke RJ45
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com