Electronic Components Datasheet Search
  English  ▼

X  

J434 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # J434
Description  1x1 Tab-DOWN RJ45
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J434 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  J434 Datasheet HTML 1Page - Pulse A Technitrol Company J434 Datasheet HTML 2Page - Pulse A Technitrol Company J434 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
J434.A (07/11)
2
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
JKM-00XXNL
Mechanicals
JKM-00XXNL
LED Configuration
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
* Assumes bias current = 20mA
Green/Yellow LED Specification - (
LEDs without internal resistors)
9
10
12
11
Left LED
Right LED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com