Electronic Components Datasheet Search
  English  ▼

X  

VT40L45PW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT40L45PW
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.27 V at IF = 5 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT40L45PW Datasheet(HTML) 2 Page - Vishay Siliconix

  VT40L45PW Datasheet HTML 1Page - Vishay Siliconix VT40L45PW Datasheet HTML 2Page - Vishay Siliconix VT40L45PW Datasheet HTML 3Page - Vishay Siliconix VT40L45PW Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VT40L45PW
www.vishay.com
Vishay General Semiconductor
Revision: 08-Jan-13
2
Document Number: 89396
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA
(2) Free air, without heatsink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.39
-
V
IF = 10 A
0.43
-
IF = 20 A
0.49
0.57
IF = 5 A
TA = 125 °C
0.27
-
IF = 10 A
0.33
-
IF = 20 A
0.41
0.50
Reverse current per diode
VR = 45 V
TA = 25 °C
IR (2)
-5
mA
TA = 125 °C
32
70
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT40L45PW
UNIT
Typical thermal resistance
per diode
RJC
1.5
°C/W
per device
0.8
per device
RJA (1)(2)
50
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-3PW
VT40L45PW-M3/4W
4.5
4W
30/tube
Tube
0
5
10
15
20
25
30
35
40
45
0
255075
100
125
150
Case Temperature (°C)
Rth
JA = RthJC = 0.8 °C/W
Rth
JA = 50 °C/W
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0
2
4
6
8
10 12 14 16 18 20 22 24
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = t
p/T
t
p
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com