Electronic Components Datasheet Search
  English  ▼

X  

VT40L45PW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VT40L45PW
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.27 V at IF = 5 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT40L45PW Datasheet(HTML) 3 Page - Vishay Siliconix

  VT40L45PW Datasheet HTML 1Page - Vishay Siliconix VT40L45PW Datasheet HTML 2Page - Vishay Siliconix VT40L45PW Datasheet HTML 3Page - Vishay Siliconix VT40L45PW Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VT40L45PW
www.vishay.com
Vishay General Semiconductor
Revision: 08-Jan-13
3
Document Number: 89396
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
100
1000
10 000
0.1
1
10
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.1
1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
TO-3PW
0.645 (16.38)
0.625 (15.87)
0.323 (8.20)
0.313 (7.95)
0.245 (6.23)
0.225 (5.72)
0.840 (21.34)
0.820 (20.83)
0.170 (4.32)
Ø 0.146 (3.71)
Ø 0.136 (3.45)
0.090 (2.29)
0.080 (2.03)
0.131 (3.33)
0.121 (3.07)
0.048 (1.22)
0.044 (1.12)
0.225 (5.72)
0.205 (5.21)
0.565 (14.35)
0.545 (13.84)
0.160 (4.06)
0.140 (3.56)
0.551 (14.00)
0.537 (13.64)
0.077 (1.96)
0.063 (1.60)
0.079 (2.01)
0.065 (1.65)
0.467 (11.86)
0.453 (11.51)
5° Ref.
Both Sides
R0.155 (R3.94)
R0.145 (R3.68)
3° Ref.
30° Ref.
10° Typ.
Both Sides
3° Ref.
3° Ref.
0.050 (1.27)
0.175 (4.45)
0.165 (4.19)
0.030 (0.75)
0.020 (0.50)
0.098 (2.50)
0.083 (2.12)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com