Electronic Components Datasheet Search
  English  ▼

X  

BP7B-LS Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BP7B-LS
Description  BP7B ??L-Series IPM Interface Circuit Reference Design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BP7B-LS Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BP7B-LS Datasheet HTML 1Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 2Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 3Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 4Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 5Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Overview:
A significant advantage provided by the L-Series IPM’s built-
in gate drive and protection circuits is that the entire family outlined
in Table 1 requires only two different interface circuit designs. The
standard interface circuit consists of opto-couplers to transfer control
signals and isolated power supplies to power the IPM’s internal
circuits. The two circuits are similar except that devices in packages
A, B, and C have a common control ground for all three low side
IGBTs. This permits use of a single low side supply so that only four
isolated supplies are required. The Powerex BP7B reference design
is an example of this circuit. The remaining large L-Series IPMs in
package D utilize separate control local shield plane islands on the
low side to minimize ground bounce induced noise.
As a result
these devices require six isolated power supplies. Interface circuit details for these devices are available in the
Powerex BP6A reference design application note.
Isolated DC to DC Converters:
In order to simplify the design and layout of the required control power supplies Powerex has introduced
the VLA106-24151, VLA106-24154 isolated DC to DC converters shown in figure 2. Both DC to DC converters
are designed to operate from a 24V DC supply and produce an isolated 15V DC output. The VLA106-24151
provides up to 100mA and the VLA106-24154 provides up to 300mA for control power.
Both DC to DC
converters use transformers to provide 2500VRMS isolation between the primary and secondary side. The
BP7B board uses three VLA106-24151 DC to DC converters to provide high side control power for the L-Series
IPMs. The low side control power can be supplied by either a VLA106-24151 or VLA106-24154. The higher
current VLA106-24154 is only needed for low side control power on the package C IPMs when the current draw
of the three low side gate drive circuits exceeds 100mA. Table 1 shows the recommended DC to DC converters
for each L-Series IPM.
Part Num be r
Voltage
(V)
Curre nt
(A)
Pack age
Re com m e nde d
DC to DC Conve rte rs
Re fe re nce
De s ign
PM50(#)L(*)060
50
PM75(#)L(*)060
75
PM100(#)L(*)060
100
PM150(#)L(*)060
150
PM200(#)LA060
200
PM300(#)LA060
300
PM450CLA060
450
PM600CLA060
600
PM25(#)L(*)120
25
PM50(#)L(*)120
50
PM75(#)L(*)120
75
PM100(#)LA120
100
PM150(#)LA120
150
PM200CLA120
200
PM300CLA120
300
PM450CLA120
450
VLA106-24151 x 3pc.
VLA106-24154 x 1pc.
VLA106-24151 x 6pc.
VLA106-24151 x 4pc.
VLA106-24151 x 3pc.
VLA106-24154 x 1pc.
VLA106-24151 x 6pc.
VLA106-24151 x 4pc.
600
1200
A or B
C
D
A or B
C
D
BP7B
BP6A
BP7B
BP6A
(*) Package Option: B=Solder pin, A=Screw terminal
(#) Circuit Option: R=Six Pack+Brake, C=Six pack
Example:
PM75RLB120 is a 75A, 1200V six pack with brake in a solder pin package
Table 1: L-Series IPM Line-Up and Interface Circuit Selection
Figure 1: L-Series IPMs
Package A
Package B
Package C
Package D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com