Electronic Components Datasheet Search
  English  ▼

X  

BTS781GP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS781GP
Description  TrilithIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS781GP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS781GP Datasheet HTML 9Page - Infineon Technologies AG BTS781GP Datasheet HTML 10Page - Infineon Technologies AG BTS781GP Datasheet HTML 11Page - Infineon Technologies AG BTS781GP Datasheet HTML 12Page - Infineon Technologies AG BTS781GP Datasheet HTML 13Page - Infineon Technologies AG BTS781GP Datasheet HTML 14Page - Infineon Technologies AG BTS781GP Datasheet HTML 15Page - Infineon Technologies AG BTS781GP Datasheet HTML 16Page - Infineon Technologies AG BTS781GP Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BTS 781 GP
Data Sheet
13
2002-06-28
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25
°C and
V
S = 12 V.
Control Inputs of highside switches IH 1, 2
H-input voltage
V
IH High
––2.5
V
–
L-input voltage
V
IH Low
1––
V
–
Input voltage hysterese
V
IH HY
–0.5
–
V
–
H-input current
I
IH High
530
60
µA
V
IH = 5 V
L-input current
I
IH Low
514
25
µA
V
IH = 0.4 V
Input series resistance
R
I
2.7
4
6
k
Ω
–
Zener limit voltage
V
IH Z
5.4
–
–
V
I
IH = 1.6 mA
Control Inputs IL1, 2
Gate-threshold-voltage
I
DL = 1 mA
V
IL th
–1.9
2.6
V
T
j = – 40 °C
–1.7
–
T
j = + 25 °C
0.8
1.1
–
T
j = + 150 °C
3.3
Electrical Characteristics (cont’d)
I
SH1 = ISH2 = ISL1 = ISL2 = 0 A; – 40
°C < Tj < 150 °C; 8 V < VS < 18 V
unless otherwise specified
Parameter
Symb
ol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com