Electronic Components Datasheet Search
  English  ▼

X  

BTS781GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS781GP
Description  TrilithIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS781GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS781GP Datasheet HTML 1Page - Infineon Technologies AG BTS781GP Datasheet HTML 2Page - Infineon Technologies AG BTS781GP Datasheet HTML 3Page - Infineon Technologies AG BTS781GP Datasheet HTML 4Page - Infineon Technologies AG BTS781GP Datasheet HTML 5Page - Infineon Technologies AG BTS781GP Datasheet HTML 6Page - Infineon Technologies AG BTS781GP Datasheet HTML 7Page - Infineon Technologies AG BTS781GP Datasheet HTML 8Page - Infineon Technologies AG BTS781GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BTS 781 GP
Data Sheet
3
2002-06-28
Pins written in bold type need power wiring.
1.4
Pin Definitions and Functions
Pin No.
Symbol
Function
1
NC
Not connected
2
SL1
Source of low-side switch 1
3
IL1
Analog input of low-side switch 1
4
NC
Not connected
5
IH1
Digital input of high-side switch 1
6
ST1
Status of high-side switch 1; open Drain output
7
SH1
Source of high-side switch 1
8
DHVS
Drain of high-side switches and power supply voltage
9
GND
Ground of high-side switches
10
IH2
Digital input of high-side switch 2
11
ST2
Status of high-side switch 2; open Drain output
12
SH2
Source of high-side switch 2
13
SL2
Source of low-side switch 2
14
NC
Not connected
15
IL2
Analog input of low-side switch 2
16
DL2
Drain of low-side switch 2
Heat-Slug 3
17
DHVS
Drain of high-side switches and power supply voltage
Heat-Slug 2
18
DL1
Drain of low-side switch 1
Heat-Slug 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com